PART |
Description |
Maker |
FM380-B FM320-B FM3100-B FM340-B FM330-B FM350-B F |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type 肖特基二极管芯片-硅外延式龙门 CON BERG 10 M D 2MM STR 150UTL 15U 2mm TERMINAL STRIP
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 Formosa MS
|
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
FQP7N80C FQPF7N80C |
CONN 26POS 2MM SOCKET R/A PC MT 800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET CONN 26POS 2MM SOCKET STR PC SMD 6.6 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
XW2Z-500H-3 FCN-367J024-AU FCN-367J040-AU_F XG2Z X |
MICROSWITCH, SPCO, MED LEVER; Current, contact AC:16A; Force, operating:50gf; Travel, pre:3.2mm; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Length / Height, external:16.2mm; Width, external:27.8mm; Depth, RoHS Compliant: Yes 螺丝接线端子电缆 Screw Terminal Block Cables 螺丝接线端子电缆 CON/ BL RB 3MJ AC 螺丝接线端子电缆 Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-5 螺丝接线端子电缆 MICROSWITCH, SPCO, PLUNGER ACTUATOR; Current, contact AC:16A; Force, operating:100gf; Travel, pre:1.2mm; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Length / Height, external:16.2mm; Width, external:27.8mm; Depth, RoHS Compliant: Yes
|
Omron Electronics, LLC OMRON[Omron Electronics LLC]
|
135101-R1-11.00 135101-R1-07.00 135101-R1-18.00 13 |
SMA STR PLUG TO SMA STR PLUG, USING 0.085 CONFORMABLE CABLE, XX.XX LENGTH INTERCONNECTION DEVICE
|
Amphenol Corporation
|
W83301 W83301R |
ACPI-STR Controller ACPI-STR Controller with DDR Bus Termination Regulator
|
WINBOND[Winbond] Winbond Electronics
|
LTC3400B LTC3525-3 LTC3526EDC-2 |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN 500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
|
Linear Technology Linear Integrated Syste...
|
MAX8896EREET |
Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
|
Maxim Integrated Products
|
MAX8901A MAX8901AETA MAX8901B MAX8901BETA |
Highest Efficiency Supply for 2 to 6 Series WLEDs in a 2mm x 2mm TDFN Package
|
Maxim Integrated Products
|
MAX8805Z MAX8805Y |
600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
|
http://
|